Part Number Hot Search : 
684J63 1S215PQ SM3K3 2SD1410 HC157 MAXQ2000 1SMA47 RP200
Product Description
Full Text Search
 

To Download CARD-2405 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC-DC Converter UNIT
CAR Series ( 2W REGULATED DC-DC CONVERTER )
FEATURES
1000VDC ISOLATION HIGH EFFICIENCY SIX-SIDED SHIELD TO REDUCE EMI LOW COST NO EXTERNAL COMPONENTS REQUIRED UP TO 2W REGULATED OUTPUT POWER DUAL IN LINE PACKAGE 100% BURNED IN LOW NOISE
OUTPUT SPECIFICATIONS
Voltage Setpoint Accuracy Temperature Coefficient Ripple & Noise (20MHz BW) Line Regulation1 Load Regulation
2
INPUT SPECIFICATIONS
+/-2% max +/-0.03%/ C
O
Input Voltage Range Input Filter
+/-10% max Pi Network
100mVp-p max +/-0.2% max +/-0.2% max Current Limit Protection Automatic
GENERAL SPECIFICATIONS
Efficiency Isolation Voltage
3
Short Circuit Protection Short Circuit Restart
58% min 1000 VDC min 9 10 ohms min 50 KHz min 80pF max 850,000 Hours 12.0g-14.4g Non-Conductive Plastic Or Six-Sided Shield Case 31.8mm*20.3mm*10.2mm
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature Storage Temperature Cooling -25 OC to +71 OC -55 OC to +125 OC Free-Air Convection
Isolation Resistance Switching Frequency Isolation Capacitance MTBF Weight
ALL SPECIFICATIONS TYPICAL AT NOMINAL LINE, FULL LOAD , AND 25
O
C
UNLESS
Case Material Case Size
OTHERWISE NOTED.
1 2 3
High Line to Low Line. Load Regulation is for output load current change from 10% to 100%. For 60 seconds
www.Power-Systems.de
Page: 1 / 5
Version: 4-Oct-02
DC-DC Converter UNIT
CAR Series ( 2W REGULATED DC-DC CONVERTER )
SELECTION GUIDE 2W OUTPUT
MODEL NUMBER4 INPUT (VDC)
4.5-5.5 4.5-5.5 4.5-5.5 4.5-5.5 4.5-5.5 4.5-5.5 4.5-5.5 10.8-13.2 10.8-13.2 10.8-13.2 10.8-13.2 10.8-13.2 10.8-13.2 10.8-13.2 21.6-26.4 21.6-26.4 21.6-26.4 21.6-26.4 21.6-26.4 21.6-26.4 21.6-26.4 43.2-52.8 43.2-52.8 43.2-52.8 43.2-52.8 43.2-52.8 43.2-52.8 43.2-52.8
OUTPUT (VDC)
5 9 12 15 +/-5 +/-12 +/-15 5 9 12 15 +/-5 +/-12 +/-15 5 9 12 15 +/-5 +/-12 +/-15 5 9 12 15 +/-5 +/-12 +/-15
OUTPUT (Ma)
400 222 167 133 +/-200 +/-84 +/-67 400 222 167 133 +/-200 +/-84 +/-67 400 222 167 133 +/-200 +/-84 +/-67 400 222 167 133 +/-200 +/-84 +/-67
INPUT CURRENT(mA)
FULL LOAD NO LOAD 64 50 50 50 70 63 50 20 20 20 20 20 20 38 13 13 13 13 13 13 13 8 8 8 8 8 8 8 55 63 65 64 57 62 64 61 63 66 69 61 66 65 63 66 69 69 63 69 69 63 66 69 69 63 69 69 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000
VOLTAGE VOLTAGE CURRENT
EFF (%)
ISOLATION (VDC)
CARS-0505(M) CARS-0509(M) CARS-0512(M) CARS-0515(M) CARD-0505(M) CARD-0512(M) CARD-0515(M) CARS-1205(M) CARS-1209(M) CARS-1212(M) CARS-1215(M) CARD-1205(M) CARD-1212(M) CARD-1215(M) CARS-2405(M) CARS-2409(M) CARS-2412(M) CARS-2415(M) CARD-2405(M) CARD-2412(M) CARD-2415(M) CARS-4805(M) CARS-4809(M) CARS-4812(M) CARS-4815(M) CARD-4805(M) CARD-4812(M) CARD-4815(M)
727 635 615 625 696 649 625 273 265 252 242 273 252 257 132 126 121 121 132 121 121 66 63 60 60 66 60 60
Note: Other input to output voltages may be available. Please contact factory.
4
CAR*-****
------ Non-Conductive Plastic
CAR*-****M ------ Six -sided shield case
www.Power-Systems.de
Page: 2 / 5
Version: 4-Oct-02
DC-DC Converter UNIT
CAR Series ( 2W REGULATED DC-DC CONVERTER )
SIMPLIFIED SCHEMATIC
SINGLE OUTPUT
+Vin
OSCILLATOR DRIVER REGULATOR
DUAL OUTPUT
+Vout
+Vin
OSCILLATOR DRIVER REGULATOR
+Vout Com. -Vout
-Vin
-Vout
-Vin
REGULATOR
MECHANICAL DIMENSIONS & RECOMMENDED FOOTPRINT DETAILS
PIN 1 & 24 2 & 23 3 & 22 10 & 15 11 & 14 12 & 13
SINGLE +Vin NC NC -Vout +Vout -Vin
DUAL +Vin -Vout Common Common +Vout -Vin
www.Power-Systems.de
Page: 3 / 5
Version: 4-Oct-02
DC-DC Converter UNIT
CAR Series ( 2W REGULATED DC-DC CONVERTER )
TYPICAL APPLICATIONS
SINGLE OUTPUT
INPUT
+Vin +Vout
DUAL OUTPUT
INPUT
+Vin +Vout
OUTPUT
OUTPUT
LOAD1
DC-DC CONVERTER
-Vin -Vout
LOAD
DC-DC CONVERTER
-Vin
Common
LOAD2
-Vout
TYPICAL PERFORMANCE CUREVES
Specifications typical at ta=25 OC,nominal input voltage , rated output current unless otherwise specified.
OUTPUT LOAD vs EFFICIENCY
80%
OUTPUT LOAD vs OUTPUT VOLTAGE
60% 40% 20% 0% 0% 20%
OUTPUT VOLTAGE CHANGE(%)
100%
10% 5% 0% -5% -10% 0% 20% 40% 60% 80% 100%
EFFICIENCY(%)
SAFE OPERATING AREA
40% 60% 80%
OUTPUT LOAD(%) TEMPERATURE DERATING
2.5
OUTPUT LOAD(%)
INPUT VOLTAGE vs EFFICIENCY
100%
OUTPUT POWER(W)
2.0 1.5 1.0 0.5 0.0 -25 0 25 50 70 100
EFFICIENCY(%)
80% 60% 40% 20% 0% -10 -5 Nom 5 10
TA(degree C)
INPUT VOLTAGE(%)
www.Power-Systems.de
Page: 4 / 5
Version: 4-Oct-02
DC-DC Converter UNIT
CAR Series ( 2W REGULATED DC-DC CONVERTER )
CAR SERIES APPLICATION NOTES:
EXTERNAL CAPACITANCE REQUIREMENTS:
No external capacitance is required for operation of the CAR series. To meet the reflected ripple requirements of the converter, an input impedance of less than 0.5 ohm from DC to 100KHz is required. External output capacitance is not required for operation, however it is recommended that 10uF tantalum and 0.1uF ceramic capacitance be selected for reduced system noise. Additional output capacitance may be added for increased filtering, but should not exceed 220uF.
Negative Outputs:
A negative output voltage may be obtained by connecting the +OUT to circuit ground and connecting -OUT as the negative output.
FOR MORE INFORMATION CALL: Power Systems - The Power Solution
74360 Ilsfeld-Auenstein ( Germany ) Dornet 8 E-mail: Info@Power-Systems.de Tel: + 49 / 70 62 / 67 59 - 6 Fax: + 49 / 70 62 / 67 59 -80
Home Page: www.Power-Systems.de
www.Power-Systems.de
Page: 5 / 5
Version: 4-Oct-02


▲Up To Search▲   

 
Price & Availability of CARD-2405

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X